Part Number Hot Search : 
GRM219 GRM219 UPD16 PK130F SY10E GRM219 15600 SN510
Product Description
Full Text Search
 

To Download EPC-525-05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Photodiode-Chip
Preliminary Wavelength range Green, selective
460 360 300
EPC-525-0.5
03.05.2007 Type Integrated filter Technology GaP rev. 04/07 Electrodes P (anode) up
typ. dimensions (m) typ. thickness 260 (20) m anode gold alloy, 1.5 m cathode gold alloy, 0.5 m
Description Narrow bandwidth and high spectral sensitivity in the range of max. eye responsivity (480...560 nm), low cost chip Applications Nearly V matched detection, measurement systems, daylight sensors
Miscellaneous Parameters
Tamb = 25C, unless otherwise specified Parameter Active area Operating temperature range Storage temperature range Temperature coefficient of I D Temperature coefficient of I PH Temperature coefficient of c T = -40...120C T = -40...120C T = -40...120C Test onditions Symbol A Tamb Tstg TCID TCIPH TCc Value 0.17 -40 to +125 -40 to +125 4.7 0.25 0.15 Unit mm C C %/K %/K nm/K
Optical and Electrical Characteristics
Tamb = 25C, unless otherwise specified Test Parameter conditions IR = 10 A Breakdown voltage3 Dark current Peak sensitivity wavelength Responsivity at p Responsivity at p
1 2 1
Symbol VR ID p S S min, max 0.5 CJ tr , t f
Min 5
Typ
Max
Unit V
VR = 5 V VR = 0 V VR = 0 V VR = 0 V VR = 0 V VR = 0 V VR = 0 V VR = 1 V
5 525 0.04 0.15 410 70 25 30 0.08 0.3
30
pA nm A/W A/W
Sensitivity range at 1% Junction capacitance
580
nm nm pF ns
Spectral bandwidth at 50% Switching time (RL = 50 )
1 2 3
Measured on bare chip on TO-18 header Measured on epoxy covered chip on TO-18 header information only
Labeling
Type EP-525-0.5 Typ. ID [pA] Typ. S[A/W] Lot N Quantity
Packing: Chips on adhesive film with wire-bond side on top
*Note: All measurements carried out with EPIGAP equipment
EPIGAP Optoelektronik GmbH, D-12555 Berlin, Kopenicker Str.325 b, Haus 201 Tel.: +49-30-6576 2543, Fax : +49-30-6576 2545 1 of 3
Photodiode-Chip
Preliminary 03.05.2007
EPC-525-0.5
rev. 04/07
Typical sensitivity spectrum
1,0 0,8 0,6 0,4 0,2 0,0 400 450 500 550 600
Sensitivity (arb. units)
Wavelength [nm]
Relative Photocurrent vs. Temperature of EPC-525-0.5
1,30 1,25 1,20 1,15
UR = 5V TK = 0,25%/K
Relative Photocurrent
1,10 1,05 1,00 0,95 0,90 0,85 0,80 -40 -20 0 20 40 60 80 100 120
Temperature (C)
EPIGAP Optoelektronik GmbH
EPIGAP Optoelektronik GmbH, D-12555 Berlin, Kopenicker Str.325 b, Haus 201 Tel.: +49-30-6576 2543, Fax : +49-30-6576 2545
2 of 3
Photodiode-Chip
Preliminary 03.05.2007
EPC-525-0.5
rev. 04/07
Dark Current vs. Temperature of EPC-525-0.5
100
UR = 5V TK = 1,047 times/K
10
Dark Current (pA)
1
0,1
-40
-20
0
20
40
60
80
100
120
Temperature (C)
EPIGAP Optoelektronik GmbH
EPIGAP Optoelektronik GmbH, D-12555 Berlin, Kopenicker Str.325 b, Haus 201 Tel.: +49-30-6576 2543, Fax : +49-30-6576 2545
3 of 3


▲Up To Search▲   

 
Price & Availability of EPC-525-05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X